|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER TRANSFORMER 1. CONFIGURATION & DIMENSIONS : H 1.0414 (0.041) W B A-6 A-6 PC20-1200 (F) SERIES A-6 B 2 5 6 L 1 3 4 A-6 4.76 (0.188) PC Terminal (Plug-in mounting) TYPE PC 6 PINS PCB Pattern UNIT : mm (inch) SIZE (VA) 24 L 41.28 (1.625) W 57.90 (2.279) H 34.93 (1.375) A-6 6 PIN 10.16 (0.400) B 53.34 (2.100) WT. (gram) 474.87 OPTIONAL BRACKET * NO. 24-BR MW 34.93 (1.375) MD 50.80 (2.000) 2. SCHEMATIC : 1 3 1 3 115V PRI 4 5 115V PRI Eo 4 5 Eo 2 Series Connected 6 2 Parallel Connected 6 3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. No Load Primary Current c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-6 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size l. Turns & Wire Gauge Primary Pin 1-2 Secondary-1 Pin 3-4 Secondary-2 Pin 5-6 AC 115 V 60 Hz . Less Than 50mA . Series AC 24.90 V . Parallel AC 12.45 V . Series 1200mA . Parallel 2400mA . Less Than 295 mA . Series 20.00V . Parallel 10.00V . Primary = 33.10 Ohm . Secondary = 0.96 Ohm . = 1.05 Ohm . DC 500V 100Meg Ohm Of More . AC 1500V 60Hz 1 Minutes . Less Than 60 Deg C . EI-41 x 39.00 m/m . 672 73 73 Turns Diameter Turns Diameter Turns Diameter 0.23 0.50 0.50 m/m . m/m . m/m . NOTE : Specifications subject to change without notice. Please check our website for latest information. 25.02.2008 SUPERWORLD ELECTRONICS (S) PTE LTD PG. 1 |
Price & Availability of PC20-1200 |